|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0545521102 Active 0.40mm (.016") Pitch Board-to-Board SlimStackTM Receptacle, SMT, Dual Row, with Plastic Pegs, Right Angle, 110 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-54552-023 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Receptacles 54552 Board-to-Board SlimStackTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Product Name Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Temperature Range - Operating Termination Interface: Style 110 Brown 30 No 0.167 In 4.25 mm Phosphor Bronze Gold Tin 2 Right Angle Yes None Embossed Tape on Reel 0.016 In 0.40 mm No -40C to +85C Surface Mount Search Parts in this Series 54552Series Mates With 55394 PCB Header Electrical Current - Maximum per Contact Voltage - Maximum 0.3A 30V AC (RMS)/DC Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing SPK-54552-017 PS-54552-023 SD-54552-023, SD-54552-024 This document was generated on 05/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0545521102 |